PART |
Description |
Maker |
CAT28LV256 CAT28LV256N-20T CAT28LV256N-25T CAT28LV |
256K-bit CMOS parallel EEPROM 250ns 256K-bit CMOS parallel EEPROM 200ns 256K-bit CMOS parallel EEPROM 300ns 256K-Bit CMOS PARALLEL E2PROM 128Kx8 EEPROM 128Kx8 EEPROM 32K X 8 EEPROM 3V, 200 ns, PQCC32
|
http:// CATALYST[Catalyst Semiconductor] Intersil, Corp. Epson (China) Co., Ltd. STMicroelectronics N.V. ON SEMICONDUCTOR
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT28C257 CAT28C257HN-12 CAT28C257PI-90T CAT28C257 |
256K CMOS parallel EEPROM 90ns 256K CMOS parallel EEPROM 150ns 256K CMOS parallel EEPROM 120ns 256K-Bit CMOS PARALLEL E2PROM
|
http:// CATALYST[Catalyst Semiconductor]
|
IDT7216L20J IDT7216L20JB IDT7217L20J IDT7217L20JB |
16 x 16 PARALLEL CMOS MULTIPLIERS 16-BIT, DSP-MULTIPLIER, PQCC68 16 x 16 PARALLEL CMOS MULTIPLIERS 16 × 16并行CMOS乘数
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MAX150 MAX150ACPP MAX150ACWP MAX150AEPP MAX150AEWP |
CMOS High Speed 8Bits ADC(500ksps,单通道,串行8位ADC) CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 16-Bit Transceivers With Parity Generators / Checkers And 3-State Outputs 56-TSSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20 CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC20 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 From old datasheet system CMOS High Speed 8-Bit A/D Converter with Reference and Track/Hold Function "CMOS, 1.3?s, 8-Bit ADC with Voltage Reference and Track/Hold" CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold
|
STMicroelectronics N.V. Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AD7547 AD7547AQ AD7547BQ AD7547CQ AD7547JN AD7547J |
LC2MOS PARALLEL LOADING DUAL 12-BIT DAC Dual 12-Bit CMOS DAC with Parallel Load Input Structure
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7547KP-REEL AD7547LRZ-REEL |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: PLCC; No of Pins: 28; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PQCC28 Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
CAT28C17A04 CAT25C17ANA-20T CAT25C17AJ-20T CAT25C1 |
2K X 8 EEPROM 5V, 200 ns, PDSO28 16K-Bit CMOS PARALLEL EEPROM Parallel EEPROM, 16Kb, RDY/BSY Pin
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
MP7542 MP7542AD MP7542BD MP7542JN MP7542JS MP7542K |
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter PARALLEL, 4 BITS INPUT LOADING, 12-BIT DAC, PDSO16
|
Exar, Corp. EXAR[Exar Corporation]
|
MAX1267 MAX1265BEEI MAX1265BCEI MAX1265AEEI MAX126 |
3V, 6-/2 channel, 12-bit ADC with 2.5V reference and parallel interface. For hand-held portable applications, medical instruments, battery-powered test equipment 265ksps. 3V. 6-/2-Channel. 12-Bit ADCs with 2.5V Reference and Parallel Interface 265ksps / 3V / 6-/2-Channel / 12-Bit ADCs with 2.5V Reference and Parallel Interface " 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface" 265ksps 3V 6-/2-Channel 12-Bit ADCs with 2.5V Reference and Parallel Interface From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|